| データシートサーチシステム |
|
M22-LED-R データシート(PDF) 3 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
M22-LED-R データシート(HTML) 3 Page - Eaton All Rights Reserved. |
|
3 / 3 page ![]() 07/26/2016 Eaton Industries GmbH http://www.eaton.eu © 07/2016 by Eaton Industries GmbH 216558 - HPL-ED2016 V24.0 EN 3 / 3 Voltage type for actuating AC/DC Type of lamp LED Connection type auxiliary circuit Screw connection Colour lamp Red Type of fastening Front fastening Approvals Product Standards IEC/EN 60947-5; UL 508; CSA-C22.2 No. 14-05; CSA-C22.2 No. 94-91; CE marking UL File No. E29184 UL Category Control No. NKCR CSA File No. 012528 CSA Class No. 3211-03 North America Certification UL listed, CSA certified Degree of Protection UL/CSA Type: - Dimensions A = 37.2 Pushbutton with M22-(C)K… Pushbutton with M22-(C) LED… + M22-XLED… Additionalproductinformation(links) IL04716002Z(AWA1160-1745)RMQ-TitanSystem IL04716002Z (AWA1160-1745) RMQ-Titan System ftp://ftp.moeller.net/DOCUMENTATION/AWA_INSTRUCTIONS/IL04716002Z2015_02.pdf |