| データシートサーチシステム |
|
JS202000SABNL データシート(PDF) 4 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
JS202000SABNL データシート(HTML) 4 Page - C&K Components |
|
4 / 15 page ![]() I I–53 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com 22 Sep 22 JS Series Sub-Miniature Slide Switches Part Number JS202011CQN DPDT Shown in position a b TYP PCB MOUNT - HOLE LAYOUT 46 5 13 2 C C CIRCUIT DIAGRAM C: COMMON PIN TERMINAL No. 1 TYP TYP 6X 0,9 TYP a 2 TRAVEL 9,0 TYP 2,5 3,5 8,5 2,0 1,5±0,05 0,6 1,0 6,5 0,35 3,3 2,5 3,3±0,4 0,30 1,5±0,05 3,6 SURFACE MOUNT PC THRU-HOLE PCB MOUNT - TOLERANCE ±.002(0,05) 1 4 3 6 2 5 C C CIRCUIT DIAGRAM C: COMMON PIN TERMINAL No. 1 TRAVEL 2,0 b 9,0 0,6 TYP TYP 2,5 1,5±0,05 3,5 2,0 8,5 1,5±0,05 3,0 7,5 0,3 TYP 3,0 1,2 TYP 8,0 2,5 TYP C&K a 3,6 13 2 4 2 3,6 2 TRAVEL 2 1,5 ± 0,05 1,5 ± 0,05 2 3,5 0,3 7,5 3 2 4 2 3 8 TYP 1,2 a b c 56 C 8 CIRCUIT DIAGRAM C: COMMON PIN 12 4 PC MOUNT - TOLERANCE ±.002 [0,05] 7 3 TERMINAL NO. 1 Part number JS202011SCQN DPDT Shown in position b. Quantity per reel 1000 Available in tape & reel only Part number JS203011SCQN DP3T Quantity per reel 900 Available in tape & reel only Shown in position b Shown in position b Shown in position a |