| データシートサーチシステム |
|
JS202011SCBNL データシート(PDF) 10 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
JS202011SCBNL データシート(HTML) 10 Page - C&K Components |
|
10 / 15 page ![]() I I–59 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com 22 Sep 22 13 3.6 5.5 3.5 1.5 0.5 3.6 3 24 2 0.6 TYP 12.4 242 4 0.8 1.0 2 TRAVEL2 TRAVEL 0.8 TYP a b c PCB LAYOUT RECOMMENDED TERMINAL N0.1 SCHEMATIC C: COMMON PIN 1 2 5 6 3 4 7 8 C C JS Series Sub-Miniature Slide Switches Part Number JS203011JCQN DP3T Shown in position b Available in tape & reel only VERTICAL MOUNT SMT - J BEND 13 3.6 5.5 3.5±0.2 10 TRAVEL 2 0.2 TRAVEL 2 0.2 1.5 0.05 3.6 0.6 24 2 5±0.2 3 24 2 10 2X 0.8 4X 0.8 (SPACE BETWEEN TERMINALS) 2X 0.9+0.1 0 0.125 CHAMFER 1.0 4 0.8 SWITCH FUNCTION POS.c POS.b POS.a (MOM)ONON CONNECTED TERMINALS 1-3,5-7 2-3,6-7 3-4,7-8 CIRCUIT DIAGRAM C: COMMON PIN BOTTOM VIEW 1 2 5 6 3 4 7 8 C C C&K C&K C&K PC MOUNT - TOLERANCE .05 SHOWN IN POS.b TERMINAL NO.1 2X 0.8 0 -0.1 Part Number JS207011JCQNR DP3T Available in tape & reel only SURFACE MOUNT - J BEND Shown in position c |