データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM263P4 データシート(PDF) 29 Page - Texas Instruments

部品番号 AM263P4
部品情報  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 データシート(HTML) 29 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 25Page - Texas Instruments AM263P4 Datasheet HTML 26Page - Texas Instruments AM263P4 Datasheet HTML 27Page - Texas Instruments AM263P4 Datasheet HTML 28Page - Texas Instruments AM263P4 Datasheet HTML 29Page - Texas Instruments AM263P4 Datasheet HTML 30Page - Texas Instruments AM263P4 Datasheet HTML 31Page - Texas Instruments AM263P4 Datasheet HTML 32Page - Texas Instruments AM263P4 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
K16
K16
PR0_PRU0_GPIO4
PR0_PRU0_GPIO4_CFG_REG
0x5310 0170
0x0000 05F7
PR0_PRU0_GPIO4
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RGMII2_RX_CTL
3
I
MII2_RXDV
4
I
EPWM24_B
5
O
GPIO92
7
IO
EPWM24_B
10
O
G17
G17
PR0_PRU0_GPIO5
PR0_PRU0_GPIO5_CFG_REG
0x5310 015C
0x0000 05F7
PR0_PRU0_GPIO5
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII2_RX_ER
2
I
MII2_RX_ER
4
I
EPWM22_A
5
O
GPIO87
7
IO
EPWM22_A
10
O
K15
K15
PR0_PRU0_GPIO6
PR0_PRU0_GPIO6_CFG_REG
0x5310 016C
0x0000 05F7
PR0_PRU0_GPIO6
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII2_REF_CLK
2
IO
RGMII2_RXC
3
I
MII2_RXCLK
4
I
EPWM24_A
5
O
GPIO91
7
IO
EPWM24_A
10
O
G15
G15
PR0_PRU0_GPIO8
PR0_PRU0_GPIO8_CFG_REG
0x5310 0168
0x0000 05F7
PR0_PRU0_GPIO8
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
EPWM23_B
5
O
GPIO90
7
IO
EPWM29_A
10
O
F17
F17
PR0_PRU0_GPIO9
PR0_PRU0_GPIO9_CFG_REG
0x5310 0160
0x0000 05F7
PR0_PRU0_GPIO9
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
PR0_UART0_CTSn
3
I
MII2_COL
4
I
EPWM22_B
5
O
GPIO88
7
IO
G18
G18
PR0_PRU0_GPIO10
PR0_PRU0_GPIO10_CFG_REG
0x5310 0164
0x0000 05F7
PR0_PRU0_GPIO10
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII2_CRS_DV
2
I
PR0_UART0_RTSn
3
O
MII2_CRS
4
I
EPWM23_A
5
O
GPIO89
7
IO
EPWM22_B
10
O
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More