| データシートサーチシステム |
|
APEC2007 データシート(PDF) 7 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
APEC2007 データシート(HTML) 7 Page - Power Integrations, Inc. |
|
7 / 19 page ![]() APEC 2007 Session T8: Semiconductor Devices Slide# 7 Defining State-Machine State-Change Limits • Frequency boundary between CCM and DCM operation – The boundary frequency between CCM and DCM operation of a peak current limited, ON/OFF controlled, flyback converter is determined by the steady-state minimum inductor current (I MIN) as a function of ILIMIT ) || ( )) ( ( ) 1 ( min min IN L O s LIMIT s in L s o LIMIT S in LIMIT L o S LIMIT V n V L T I L T V n T V I I L T V I L n V T D I I − = − − − = − − = (1) – where 1:n L is the transformer primary to secondary turns ratio, Ts is the switching period (1/frequency), L is the primary winding inductance value, V IN and VO are the input and output voltages and D is the duty cycle. Solving for the inductance at which I MIN = 0 gives the CCM/ DCM boundary, and yields the critical switching frequency value of ) || ( 1 IN L O LIMIT crit V n V L I f = (2) |