| データシートサーチシステム |
|
1168 データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
1168 データシート(HTML) 21 Page - Texas Instruments |
|
21 / 50 page ![]() CC1150 Preliminary Data Sheet (rev. 1.0.) SWRS037 Page 21 of 49 23 Radio Control TX 19,20 IDLE 1 CALIBRATE 8 MANCAL 3,4,5 SETTLING 9,10 TX_UNDERFLOW 22 FSTXON 18 SFSTXON FS_AUTOCAL = 00 | 10 | 11 & STX | SFSTXON STX STX TXFIFO_UNDERFLOW SFTX SIDLE SCAL CAL_COMPLETE FS_AUTOCAL = 01 & STX | SFSTXON CAL_COMPLETE CALIBRATE 12 IDLE 1 TXOFF_MODE = 00 & FS_AUTOCAL = 10 | 11 TXOFF_MODE = 00 & FS_AUTOCAL = 00 | 01 TXOFF_MODE = 10 FS_WAKEUP 6,7 STX | SFSTXON SLEEP 0 SPWD XOFF 2 SXOFF CSn = 0 CSn = 0 TXOFF_MODE = 01 Figure 10: Complete Radio Control State Diagram CC1150 has a built-in state machine that is used to switch between different operation states (modes). The change of state is done either by using command strobes or by internal events such as TX FIFO underflow. A simplified state diagram, together with typical usage and current consumption, is shown in Figure 4 on page 12. The complete radio control state diagram is shown in Figure 10. The numbers refer to the state number readable in the MARCSTATE status register. This functionality is primarily for test purposes. |