| データシートサーチシステム |
|
TMS320F データシート(PDF) 85 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F データシート(HTML) 85 Page - Texas Instruments |
|
85 / 389 page ![]() 6-1 Addressing Modes Addressing Modes This chapter explains the three basic memory addressing modes used by the ’C24x instruction set. The three modes are: - Immediate addressing mode - Direct addressing mode - Indirect addressing mode In the immediate addressing mode, a constant to be manipulated by the instruction is supplied directly as an operand of that instruction. The ’C24x sup- ports two types of immediate addressing, long and short, described in section 6.1, Immediate Addressing Mode, on page 6-2. When you need to access data memory, you can use the direct or indirect ad- dressing mode. Direct addressing concatenates seven bits of the instruction word with the nine bits of the data-memory page pointer (DP) to form a 16-bit data memory address. Indirect addressing accesses data memory through one of eight 16-bit auxiliary registers. Topic Page 6.1 Immediate Addressing Mode 6-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.2 Direct Addressing Mode 6-4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.3 Indirect Addressing Mode 6-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Chapter 6 |