| データシートサーチシステム |
|
HEC4025BDF データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HEC4025BDF データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 3 page ![]() January 1995 2 Philips Semiconductors Product specification Triple 3-input NOR gate HEF4025B gates DESCRIPTION The HEF4025B provides the positive triple 3-input NOR function. The outputs are fully buffered for highest noise immunity and pattern insensitivity of output impedance. Fig.1 Functional diagram. FAMILY DATA, IDD LIMITS category GATES See Family Specifications HEF4025BP(N): 14-lead DIL; plastic (SOT27-1) HEF4025BD(F): 14-lead DIL; ceramic (cerdip) (SOT73) HEF4025BT(D): 14-lead SO; plastic (SOT108-1) ( ): Package Designator North America Fig.2 Pinning diagram. Fig.3 Logic diagram (one gate). |