| データシートサーチシステム |
|
NRF51802-QCAA-R7 データシート(PDF) 84 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF51802-QCAA-R7 データシート(HTML) 84 Page - Nordic Semiconductor |
|
84 / 85 page ![]() Page 84 nRF51802 Product Specification v1.2 11.4.3.1 Bill of Materials Table 84 QCAA QFN32 with DC/DC converter setup Designator Value Description Footprint C1, C2, C13, C14 12 pF Capacitor, NP0, ±2% 0402 C3 2.2 nF Capacitor, X7R, ±10% 0402 C4 1.0 pF Capacitor, NP0, ±0.1 pF 0402 C5 3.9 pF Capacitor, NP0, ±0.1 pF 0402 C6 1.5 pF Capacitor, NP0, ±0.1 pF 0402 C7 4.7 μF Capacitor, X5R, ±10% 0603 C8, C11 100 nF Capacitor, X7R, ±10% 0402 C9 1.0 nF Capacitor, X7R, ±10% 0402 C10 47 nF Capacitor, X7R, ±10% 0402 C12 1.0 μF Capacitor, X7R, ±10% 0603 L1 5.6 nH High frequency chip inductor ±5% 0402 L2 10 nH High frequency chip inductor ±5% 0402 L3 2.7 nH High frequency chip inductor ±5% 0402 L4 10 μH Chip inductor, IDC,min = 50 mA, ±20% 0603 L5 15 nH High frequency chip inductor ±10% 0402 U1 nRF51802-QCAA RF SoC QFN-32 X1 16 MHz Crystal SMD 2520, 16 MHz, 8 pF, ±40 ppm SMD 2520 X2 32.768 kHz Crystal SMD 3215, 32.768 kHz, 9 pF, ±20 ppm SMD 3215 |