| データシートサーチシステム |
|
HT68F04C データシート(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F04C データシート(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 142 page ![]() Selection Table Most features are common to all devices, the main feature distinguishing them are Memory capacity, I/O count, TM fea- tures, stack capacity and package types. The following table summarises the main features of each device. Part No. VDD Program Memory Data Memory Data EEPROM I/O Ext. Int. A/D Timer Module Comparator Stack Package HT66F03C 2.2V~ 5.5V 1K ´14 64 ´864´8 6 1 12-bit ´3 10-bit CTM ´1, 10-bit STM ´1 14 8DIP/SOP HT66F04C 2.2V~ 5.5V 2K ´15 96 ´864´8 6 1 12-bit ´3 10-bit CTM ´1, 10-bit ETM ´1, 10-bit STM ´1 18 8DIP/SOP HT68F03C 2.2V~ 5.5V 1K ´14 64 ´864´86 1 ¾ 10-bit CTM ´1, 10-bit STM ´1 14 8DIP/SOP HT68F04C 2.2V~ 5.5V 2K ´15 96 ´864´86 1 ¾ 10-bit CTM ´1, 10-bit STM ´1 18 8DIP/SOP Block Diagram HT66F03C/HT66F04C/HT68F03C/HT68F04C Rev. 0.00 2 February 26, 2010 Preliminary F l a s h / E E P R O M P r o g r a m m i n g C i r c u i t r y W a t c h d o g T i m e r 8 - b i t R I S C M C U C o r e R e s e t C i r c u i t I n t e r r u p t C o n t r o l l e r E x t e r n a l R C / X t a l O s c i l l a t o r s 1 2 - B i t A / D C o n v e r t e r I n t e r n a l R C O s c i l l a t o r S t a c k E E P R O M D a t a M e m o r y F l a s h P r o g r a m M e m o r y R A M D a t a M e m o r y T i m e r M o d u l e s L o w V o l t a g e R e s e t L o w V o l t a g e D e t e c t C o m p a r a t o r T i m e B a s e I / O |