| データシートサーチシステム |
|
REF02AZ/883C データシート(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF02AZ/883C データシート(HTML) 11 Page - Analog Devices |
|
11 / 16 page ![]() REF02 Rev. I | Page 11 of 16 TEMPERATURE MONITORING The REF02 provides a TEMP output (Pin 3) that varies linearly with temperature. This output can be used to monitor the temperature change in the system. The voltage at VTEMP is approximately 550 mV at 25°C, and the temperature coefficient is approximately 1.96 mV/°C (see Figure 18). 850 800 750 700 650 600 550 500 450 400 –50 –25 0 25 50 75 100 125 TEMPERATURE ( °C) ∆V TEMP/∆T = 1.96mV/°C VIN = 9V SAMPLE SIZE = 6 J, S, AND P PACKAGES Z PACKAGE AND 833 PRODUCT ∆V TEMP/∆T = 2.1mV/°C Figure 18. Voltage at TEMP Pin vs. Temperature A voltage change of 39.2 mV at the TEMP pin corresponds to a 20°C change in temperature. The TEMP function is provided as a convenience rather than a precise feature. Since the voltage at the TEMP node is acquired from the band gap core, current pulling from this pin has a significant effect on VOUT. Care must be taken to buffer the TEMP output with a suitable low bias current op amp, such as the AD8601, AD820, or OP1177. Using any of these three op amps results in less than a 100 µV change in ΔVOUT (see Figure 19). Without buffering, even tens of microamps drawn from the TEMP pin can cause VOUT to fall out of specification. TEMP TRIM GND U1 OP1177 V+ V– 15V U2 VO VOUT VIN VTEMP 1.9mV/ °C VIN REF02 Figure 19. Temperature Monitoring GND REF02 4 6 2 TEMP 3 CMP02 2 3 8 4 R6 1 7 R7 27k Ω R1 (9.2k Ω) R3 (1.3k Ω) R2 1.5k Ω R4 2.7k Ω R5 2.2k Ω V+ V– – + HEATING ELEMENT V+ (12V TO 32V) VIN VO (SEE NOTE 1) NOTES 1. REF02 SHOULD BE THERMALLY CONNECTED TO SUBSTANCE BEING HEATED. 2. NUMBERS IN PARENTHESES ARE FOR A SETPOINT TEMPERATURE OF 60 °C. 3. R3 = R1 || R2 || R6 Figure 20. Temperature Controller REFERENCE STACK WITH EXCELLENT LINE REGULATION Two REF01s and one REF02 can be stacked to yield 5.00 V, 15.00 V, and 25.00 V outputs. An additional advantage is near- perfect line regulation of the 5.0 V and 15.0 V output. A 27 V to 55 V input change produces an output change that is less than the noise voltage of the devices. A load bypass resistor (RB) provides a path for the supply current (ISY) of the 15.00 V regulator. In general, any number of REF01s and REF02s can be stacked this way. For example, 10 devices yield 10 outputs in 5 V or 10 V steps. The line voltage can change from 100 V to 130 V. Care must be taken, however, to ensure that the total load currents do not exceed the maximum usable current (typically 21 mA). GND REF02 GND REF02 GND REF02 TRIM TRIM 10k Ω 10k Ω RB 6.8k Ω 10k Ω 2 6 5 4 2 6 5 4 2 6 5 4 15V 10V 5V TRIM 27V TO 55V VIN VO VIN VO VIN VO Figure 21. Reference Stack |