データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

REF02CSZ-REEL2 データシート(PDF) 8 Page - Analog Devices

部品番号 REF02CSZ-REEL2
部品情報  5 V Precision Voltage Reference/Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

REF02CSZ-REEL2 データシート(HTML) 8 Page - Analog Devices

Back Button REF02CSZ-REEL2 Datasheet HTML 4Page - Analog Devices REF02CSZ-REEL2 Datasheet HTML 5Page - Analog Devices REF02CSZ-REEL2 Datasheet HTML 6Page - Analog Devices REF02CSZ-REEL2 Datasheet HTML 7Page - Analog Devices REF02CSZ-REEL2 Datasheet HTML 8Page - Analog Devices REF02CSZ-REEL2 Datasheet HTML 9Page - Analog Devices REF02CSZ-REEL2 Datasheet HTML 10Page - Analog Devices REF02CSZ-REEL2 Datasheet HTML 11Page - Analog Devices REF02CSZ-REEL2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REF02
Rev. I | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
10k
1k
100
10
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VIN = 15V
TA = 25°C
Figure 5. Output Wideband Noise vs. Bandwidth
(0.1 Hz to Frequency Indicated)
76
0
16
26
36
46
56
66
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VIN = 15V
TA = 25°C
0.0031
0.0100
0.0310
0.1000
0.3100
1.0000
3.1000
10.0000
Figure 6. Line Regulation vs. Frequency
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
–10
0
10
20
30
40
50
TIME (s)
VIN = 15V
25
°C
DEVICE IMMERSED
IN 75
°C OIL BATH
Figure 7. Output Change Due to Thermal Shock
20
19
18
17
16
15
14
10
15
20
25
30
35
40
INPUT VOLTAGE (V)
TA = 25°C
Figure 8. Maximum Load Current vs. Input Voltage
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
VIN = 15V
Figure 9. Normalized Load Regulation (∆IL = 10 mA) vs. Temperature
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
Figure 10. Normalized Line Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16