| データシートサーチシステム |
|
REF02HPZ2 データシート(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF02HPZ2 データシート(HTML) 5 Page - Analog Devices |
|
5 / 16 page ![]() REF02 Rev. I | Page 5 of 16 @ VIN = 15 V, TA = 25°C, unless otherwise noted. Table 3. REF02C REF02D Parameter Symbol Conditions Min Typ Max Min Typ Max Unit Output Voltage VO IL = 0 mA 4.950 5.000 5.050 4.900 5.000 5.100 V Output Adjustment Range ∆VTRIM RP = 10 kΩ ±2.7 ±6.0 ±2.0 ±6.0 % Output Voltage Noise1 en p-p 0.1 Hz to 10 Hz P, Z, and S Packages 15 µV p-p J Package 20 15 µV p-p 883 Parts 12 18 20 µV p-p Line Regulation2 VIN = 8 V to 40 V 0.009 0.015 0.010 0.04 %/V IL = 0 mA to 8 mA 0.006 0.015 %/mA Load Regulation2 IL = 0 mA to 4 mA 0.015 0.04 %/mA Turn-On Settling Time1 tON To ±0.1% of final value 5 5 µs Quiescent Supply Current ISY No load 1.0 1.6 1.0 2.0 mA Load Current IL 8 8 mA Sink Current3 IS −0.3 −0.5 −0.3 −0.5 mA Short-Circuit Current ISC VO = 0 30 30 mA Temperature Voltage Output4 883C Product VT 630 630 mV P, S, J, and Z Packages VT 550 550 mV 1 Guaranteed by design. 2 Line and load regulation specifications include the effect of self-heating. 3 During sink current test, the device meets the output voltage specified. 4 Limit current in or out of Pin 3 to 50 nA and capacitance on Pin 3 to 30 pF. |