データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L292 データシート(PDF) 7 Page - STMicroelectronics

部品番号 L292
部品情報  SWITCH-MODE DRIVER FOR DC MOTORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L292 データシート(HTML) 7 Page - STMicroelectronics

Back Button L292 Datasheet HTML 3Page - STMicroelectronics L292 Datasheet HTML 4Page - STMicroelectronics L292 Datasheet HTML 5Page - STMicroelectronics L292 Datasheet HTML 6Page - STMicroelectronics L292 Datasheet HTML 7Page - STMicroelectronics L292 Datasheet HTML 8Page - STMicroelectronics L292 Datasheet HTML 9Page - STMicroelectronics L292 Datasheet HTML 10Page - STMicroelectronics L292 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
L292
APPLICATION INFORMATION
This section has been added in order to help the designer for the best choise of the values of external
components.
Figure 5. L292 Block Diagram.
The schematic diagram used for the Laplace analysis of the system is shown in fig. 6.
Figure 6.
RS1 = RS2 = RS (sensing resistors)
= 2.5 · 10-3 W (current sensing amplifier transconductance)
LM = Motor inductance, RM = Motor resistance, IM = Motor current
1
R
4
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13