| データシートサーチシステム |
|
HT360 データシート(PDF) 16 Page - Qingdao Hantek Electronic Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
HT360 データシート(HTML) 16 Page - Qingdao Hantek Electronic Co., Ltd. |
|
16 / 46 page ![]() Document Overview EN HT360 series user manual Copyright©Qingdao Hantek Electronics Co.,LTD 8 3 Document Overview This document is used to guide users to quickly understand the front panel, side panel, user interface and basic operation methods of HT360 series Leeb hardness tester. Tips: The latest version of this manual can be accessed at (http://www.hantek.com). Software version: Software upgrade may change or add product features. Please follow the Hantek website for the latest version. Document format convention: Key Use icons to represent the front panel buttons. For example, represents the "Scale" button. 1 Menu Use "menu text (bold)+color (blue)" to indicate a menu option. For example, Measure means clicking the "Measure" option on the current operation interface to enter function configuration menu of “Measure”. 2 Operating Steps Use the arrow ">" to indicate the next operation. For example, Print>Connect means click Print and then click Connect. Document content convention: HT360 series Leeb hardness tester includes the following models. Unless otherwise specified, this manual takes HT360C as an example to explain HT360 series and its basic operation. Model Bluetooth HT360 No HT360C Yes Figure 1 Model |