| データシートサーチシステム |
|
LP87745 データシート(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP87745 データシート(HTML) 8 Page - Texas Instruments |
|
8 / 16 page ![]() 8.2 Tape and Reel Information Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Reel Diameter User Direction of Feed P1 Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LP877451A1RXVR VQFN-HR RXV 28 3000 330 12.4 4.80 5.30 1.10 8.0 12.0 Q1 LP87745 SNVSCH5 – NOVEMBER 2023 www.ti.com 8 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: LP87745 |