データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSMF05LC データシート(PDF) 2 Page - Protek Devices

部品番号 MSMF05LC
部品情報  LOW CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MSMF05LC データシート(HTML) 2 Page - Protek Devices

  MSMF05LC_07 Datasheet HTML 1Page - Protek Devices MSMF05LC_07 Datasheet HTML 2Page - Protek Devices MSMF05LC_07 Datasheet HTML 3Page - Protek Devices MSMF05LC_07 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
05222.R2 2/07
www.protekdevices.com
MSMF05LC
DEVICE CHARACTERISTICS
Storage Temperature
SYMBOL
VALUE
1.0
V
°C
-55 to 150
UNITS
TSTG
V F
PARAMETER
Maximum Forward Voltage @ 10mA
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
25
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
T
L
-55 to 150
°C
Note 1: Pins 1, 3, 4, 5, or 6 to pin 2.
PART
NUMBER
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
CAPACITANCE
(See Note 1)
0V @ 1 MHz
C
pF
MSMF05LC
5L
6.0
12.0V @ 2.0A
9
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
0
5
10
15
20
25
30
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
1
10
100
1,000
25W, 8/20µs Waveform



Html Pages

1 2 3 4