| データシートサーチシステム |
|
DG303ABK データシート(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
DG303ABK データシート(HTML) 2 Page - Intersil Corporation |
|
2 / 7 page ![]() 2 Pin Descriptions DG303A (SPDT) DG303A (CERDIP, PDIP) TOP VIEW DG303ACY (SOIC) TOP VIEW Functional Diagrams and Pinouts (Switches shown for a logic “1” input) (Continued) S1 S3 IN1 D1 D3 S4 S2 IN2 D4 D2 NC S3 D3 D1 S1 IN1 GND V+ S4 D4 D2 S2 IN2 V- 1 2 3 4 5 6 7 14 13 12 11 10 9 8 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 NC S3 D3 D1 S1 IN1 NC GND V+ D4 D2 S2 IN2 V- NC S4 DG303A TRUTH TABLE LOGIC SWITCH 1 AND 2 SWITCH 3 AND 4 0OFF ON 1ON OFF Logic “0” ≤ 0.8V, Logic “1” ≥ 4.0V. PIN SYMBOL DESCRIPTION DG300A 1 NC No Connection 2D1 Drain (Output) Terminal for Switch 1 3 NC No Connection 4S1 Source (Input) Terminal for Switch 1 5 NC No Connection 6IN1 Logic Control for Switch 1 7 GND Ground Terminal (Logic Common) 8 V- Negative Power Supply Terminal 9IN2 Logic Control for Switch 2 10 NC No Connection 11 NC No Connection 12 S2 Source (Input) Terminal for Switch 2 13 D2 Drain (Output) Terminal for Switch 2 14 V+ Positive Power Supply Terminal DG301A 1 NC No Connection 2D1 Drain (Output) Terminal for Switch 1 3 NC No Connection 4S1 Source (Input) Terminal for Switch 1 5 IN Logic Control for Switches 6 GND Ground Terminal (Logic Common) 7 V- Negative Power Supply Terminal 8 NC No Connection 9 NC No Connection 10 S2 Source (Input) Terminal for Switch 2 11 NC No Connection 12 D2 Drain (Output) Terminal for Switch 2 13 NC No Connection 14 V+ Positive Power Supply Terminal DG303A 1 NC No Connection 2S3 Source (Input) Terminal for Switch 3 3D3 Drain (Output) Terminal for Switch 3 4D1 Drain (Output) Terminal for Switch 1 5S1 Source (Input) Terminal for Switch 1 6IN1 Logic Control for Switch 1 7 GND Ground Terminal (Logic Common) 8 V- Negative Power Supply Terminal 9IN2 Logic Control for Switch 2 10 S2 Source (Input) Terminal for Switch 2 11 D2 Drain (Output) Terminal for Switch 2 12 D4 Drain (Output) Terminal for Switch 4 13 S4 Source (Input) Terminal for Switch 4 14 V+ Positive Power Supply Terminal PIN SYMBOL DESCRIPTION DG300A, DG301A, DG303A |