データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT2MOA3S20/E/1 データシート(PDF) 18 Page - NXP Semiconductors

部品番号 HT2MOA3S20/E/1
部品情報  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/1 データシート(HTML) 18 Page - NXP Semiconductors

Back Button HT2MOA3S20/E/1 Datasheet HTML 14Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 15Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 16Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 17Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 18Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 19Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 20Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 21Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc/HS
Page 18 of 22
6 Quality Inspection
Quality inspection is performed with statistical quality control according to ISO 2859 part 1, with
AQL1.0.
Optical Properties
scratches,
encapsulation failures,
gold discolouration,
delamination
according to the reference sample
catalogue
Geometrical Properies width
measured with gauge
length
measured with gauge
overall thickness
measured with micrometer at the center of
the transfer mould cap
Electrical Properties
operation
basic read/write operations
Shipment Quantity
Packing and Labeling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22