| データシートサーチシステム |
|
MBR1550CT データシート(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
MBR1550CT データシート(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() DS23013 Rev. 9 - 2 2 of 3 MBR1530CT - MBR1560CT www.diodes.com 0.1 1.0 10 50 0.2 0.4 0.6 0.8 1.0 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig.2 Typical Forward Characteristics F MBR1530 - MBR1545 MBR1550 / MBR1560 0 50 100 150 200 250 300 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 100 1000 4000 0.1 1.0 10 100 V , REVERSE VOLTAGE (V) Fig.4 Typical Total Capacitance (per element) R T= 25 C j ° f = 1.0MHz 0.001 0.01 0.1 1.0 10 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig.5 Typical Reverse Characteristics T = 125 C j ° T= 75 C j ° T= 25 C j ° T = 150 C j ° 0 4 8 0 50 100 150 T , CASE TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve C ° 12 16 20 |