データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L78M09CP データシート(PDF) 26 Page - STMicroelectronics

部品番号 L78M09CP
部品情報  Positive voltage regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M09CP データシート(HTML) 26 Page - STMicroelectronics

Back Button L78M09CP Datasheet HTML 22Page - STMicroelectronics L78M09CP Datasheet HTML 23Page - STMicroelectronics L78M09CP Datasheet HTML 24Page - STMicroelectronics L78M09CP Datasheet HTML 25Page - STMicroelectronics L78M09CP Datasheet HTML 26Page - STMicroelectronics L78M09CP Datasheet HTML 27Page - STMicroelectronics L78M09CP Datasheet HTML 28Page - STMicroelectronics L78M09CP Datasheet HTML 29Page - STMicroelectronics L78M09CP Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Package mechanical data
L78M00 series
26/30
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
B
0.64
0.9
0.025
0.035
B2
5.2
5.4
0.204
0.212
B3
0.95
0.037
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
IPAK MECHANICAL DATA
0068771-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30