| データシートサーチシステム |
|
KBPC808 データシート(PDF) 2 Page - ASEMI TECHNOLOGY., LTD |
|
|
|||||||||||||||||||||||||||||
KBPC808 データシート(HTML) 2 Page - ASEMI TECHNOLOGY., LTD |
|
2 / 2 page ![]() 2-2 www.asemi99.com 2018.11 Rev.3.1 Rating and Characteristic Curves ( TA=25 Unless otherwise noted ) C o KBPC801 THRU KBPC810 CURRENT 8.0 Ampere VOLTAGE RANG 50 to 1000 Volts Fig. 1 Derating Curve for Output Rectified Current Fig. 2 Maximum Non-repetitive Peak Forward Surge Current Fig. 3 Typical Instantaneous Forward Characteristics Number of Cycles at 60HZ Instantaneous Forward Voltage, Volts 0 2.0 4.0 50 100 150 0 75 0 1 10 100 .01 0.1 1.0 10 0.4 0.6 0.8 1.0 1.2 1.4 1.6 50 25 Pulse Width=300us 2% duty cycle 6.0 Single-Phase Half Wave 60Hz Resistive or Inductive Load 125 100 10.0 8.0 8.3ms Single half-sine-Wave [JEDEC Method] Fig. 4 Typical Reverse Characteristics Percent of Rated Peak Reverse Voltage, % .01 0.1 1.0 10 0 20 40 60 80 100 120 140 Tj=25 C 30 Tj=25 C Tj=125 C Tj=75 C Tj=100 C Case Temperature, C o ASEMI Bridge Rectifier |