| データシートサーチシステム |
|
PA2423U-R データシート(PDF) 6 Page - SiGe Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
PA2423U-R データシート(HTML) 6 Page - SiGe Semiconductor, Inc. |
|
6 / 8 page ![]() PA2423U-EK1 RangeCharger TM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit 131-DST-02 Rev 1.3 Apr-19-2006 Confidential 6 of 8 QA041906 Layout Recommendations Optimum layout of the application board is critical; the input and output matching networks are layout dependent and will affect gain, output power, power added efficiency, current consumption and harmonics generation. The connectors do form part of the input and output network. The routing to Vcc1 forms the interstage match for the power amplifier. As a reference design, the evaluation board has been optimized from a component and layout perspective to maximize the performance of the PA2423U. Based on the schematic, the layout of the evaluation board is shown in Figure 5. This information is also available as gerber files, for ease of use. Care should be taken to avoid routing the RF output track next to Vcc1 as this provides feedback around the output stage resulting in a loss in performance. The exposed pad at the bottom of the package is the ground connection for the IC. The ground vias should be placed as close as possible to this pad. All VCC lines should be well decoupled keeping the ground end of the decoupling capacitors as short as possible. The decoupling should avoid a ground return loop to the IC ground. |