| データシートサーチシステム |
|
MMBD2004S データシート(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
MMBD2004S データシート(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() DS30281 Rev. 8 - 2 2 of 3 MMBD2004S www.diodes.com 0 120 80 40 160 200 T , AMBIENT TEMPERATURE (ºC) Fig. 1 Power Dissipation Derating A 0 100 200 300 400 500 Note 2 0 400 800 1200 1600 2000 V , INSTANTANEOUS FORWARD VOLTAGE (mV) Fig.2 Typical Forward Characteristics, per element F 100 1.0 10 0.1 0.01 1000 T= 150 C j ° T= 25 C j ° Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Device Packaging Shipping MMBD2004S-7-F SOT-23 3000/Tape & Reel Ordering Information (Note 4) KXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September KXX Marking Information Date Code Key Month Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec Code 12 3 4 5 6 7 8 9 O N D 0 50 100 150 200 250 300 350 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig.3 Typical Reverse Characteristics, per element R 100 1.0 10 0.1 0.01 0.001 1000 T = 150 C j ° T= 75 C j ° T= 25 C j ° 0.7 0.8 0.01 0.1 1.0 10 100 Fig. 4 Typical Total Capacitance vs. Reverse Voltage, per element V , REVERSE VOLTAGE (V) R 0.9 1.0 1.1 Year 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 Code MN P R S T U V W X Y Z |