| データシートサーチシステム |
|
KTY81-252 データシート(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY81-252 データシート(HTML) 10 Page - NXP Semiconductors |
|
10 / 16 page ![]() 1998 Mar 26 10 Philips Semiconductors Product specification Silicon temperature sensors KTY81-2 series PACKAGING Sensors in SOD70 encapsulation are delivered in bulk packaging, and also reel packaging for automatic placement on hybrid circuits and printed-circuit boards (see Fig.7). Note: Types in bulk packaging have a lead-to-lead distance of 2.54 millimetres, whereas the distance for types packaged on reel is 5.08 millimetres. Fig.7 Configuration of bandolier. handbook, full pagewidth MBH795 (p) A 1 P H 2 A L H0 H1 F F12 F P2 P0 D0 W2 W0 W 1 W t t1 ∆ h ∆ h T |