| データシートサーチシステム |
|
LMV721 データシート(PDF) 12 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
LMV721 データシート(HTML) 12 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
12 / 18 page ![]() Typical Application Circuits Differential Amplifier Fig. 16 Differential Amplifier The circuit shown in Figure 16 performs the difference function. If the resistors ratios are equal R4/R3 = R2/R1, then: VOUT = (Vp – Vn) × R2/R1 + VREF Instrumentation Amplifier Fig. 17 Instrumentation Amplifier The LMV72XA family is well suited for conditioning sensor signals in battery- powered applications. Figure 17 shows a two op-amp instrumentation amplifier, using the LMV72xA op-amps. The circuit works well for applications requiring rejection of common-mode noise at higher gains. The reference voltage (VREF) is supplied by a low- impedance source. In single voltage supply applications, the VREF is typically VS/2. www.umw-ic.com 12 UTD Semiconductor Co.,Limited LMV721, LMV722, LMV724 10MHz, RRIO CMOS Operational Amplifiers UMW R |