| データシートサーチシステム |
|
KTY85-151 データシート(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY85-151 データシート(HTML) 10 Page - NXP Semiconductors |
|
10 / 12 page ![]() 1998 Mar 26 10 Philips Semiconductors Product specification Silicon temperature sensors KTY85-1 series PACKAGE OUTLINE REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ Note 1. The marking band indicates the cathode. SOD80 100H02 97-06-20 Hermetically sealed glass surface mounted package; 2 connectors SOD80 UNIT D mm 1.7 1.5 3.7 3.3 0.3 H L DIMENSIONS (mm are the original dimensions) H D LL (1) 0 1 2 mm scale ka |