データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F017D-120EC データシート(PDF) 35 Page - Advanced Micro Devices

部品番号 AM29F017D-120EC
部品情報  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F017D-120EC データシート(HTML) 35 Page - Advanced Micro Devices

Back Button AM29F017D-120EC Datasheet HTML 31Page - Advanced Micro Devices AM29F017D-120EC Datasheet HTML 32Page - Advanced Micro Devices AM29F017D-120EC Datasheet HTML 33Page - Advanced Micro Devices AM29F017D-120EC Datasheet HTML 34Page - Advanced Micro Devices AM29F017D-120EC Datasheet HTML 35Page - Advanced Micro Devices AM29F017D-120EC Datasheet HTML 36Page - Advanced Micro Devices AM29F017D-120EC Datasheet HTML 37Page - Advanced Micro Devices AM29F017D-120EC Datasheet HTML 38Page - Advanced Micro Devices AM29F017D-120EC Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
September 12, 2006 21195E5
Am29F017D
33
DA TA
SH EET
AC CHARACTERISTICS
Erase and Program Operations
Alternate CE# Controlled Writes
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
Parameter Symbol
Parameter Description
Speed Options
Unit
JEDEC
Std
-70
-90
-120
-150
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
90
120
150
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
40
45
50
50
ns
tDVEH
tDS
Data Setup Time
Min
40
45
50
50
ns
tEHDX
tDH
Address Hold Time
Min
0
ns
tGHEL
tGHEL
Read Recover Time Before Write
Min
0
ns
tWLEL
tWS
CE# Setup Time
Min
0
ns
tEHWH
tWH
CE# Hold Time
Min
0
ns
tELEH
tCP
Write Pulse Width
Min
40
45
50
50
ns
tEHEL
tCPH
Write Pulse Width High
Min
20
ns
tWHWH1
tWHWH1
Byte Programming Operation (Note 2)
Typ
7
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
1
sec
Max
8
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41