| データシートサーチシステム |
|
AM29LV040B データシート(PDF) 32 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV040B データシート(HTML) 32 Page - Advanced Micro Devices |
|
32 / 37 page ![]() 32 Am29LV040B 21354E4 October 11, 2006 D A TA SH EE T AC CHARACTERISTICS tGHEL tWS OE# CE# WE# tDS Data tAH Addresses tDH tCP DQ7# DOUT tWC tAS tCPH PA Data# Polling A0 for program 55 for erase tWHWH1 or 2 tWH PD for program 30 for sector erase 10 for chip erase 555 for program 2AA for erase PA for program SA for sector erase 555 for chip erase Notes: 1. PA = Program Address, PD = Program Data, DQ7# = complement of the data written to the device, DOUT is the data written to the device. 2. Figure indicates the last two bus cycles of the command sequence. Figure 17. Alternate CE# Controlled Write Operation Timings |