データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F400BB-75DPC2 データシート(PDF) 7 Page - Advanced Micro Devices

部品番号 AM29F400BB-75DPC2
部品情報  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BB-75DPC2 データシート(HTML) 7 Page - Advanced Micro Devices

Back Button AM29F400BB-75DPC2 Datasheet HTML 3Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 4Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 5Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 6Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 7Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 8Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 9Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 10Page - Advanced Micro Devices AM29F400BB-75DPC2 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
6
Am29F400B Known Good Die
SU PP L E ME NT
PACKAGING INFORMATION
Surftape Packaging
Gel-Pak and Waffle Pack Packaging
Direction of Feed
Orientation relative to
leading edge of tape
and reel
AMD logo location
Orientation relative to
top left corner of
Gel-Pak
and Waffle Pack
cavity plate
AMD logo location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12