データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F400B データシート(PDF) 33 Page - Advanced Micro Devices

部品番号 AM29F400B
部品情報  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400B データシート(HTML) 33 Page - Advanced Micro Devices

Back Button AM29F400B_06 Datasheet HTML 29Page - Advanced Micro Devices AM29F400B_06 Datasheet HTML 30Page - Advanced Micro Devices AM29F400B_06 Datasheet HTML 31Page - Advanced Micro Devices AM29F400B_06 Datasheet HTML 32Page - Advanced Micro Devices AM29F400B_06 Datasheet HTML 33Page - Advanced Micro Devices AM29F400B_06 Datasheet HTML 34Page - Advanced Micro Devices AM29F400B_06 Datasheet HTML 35Page - Advanced Micro Devices AM29F400B_06 Datasheet HTML 36Page - Advanced Micro Devices AM29F400B_06 Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
November 1, 2006 21505E5
Am29F400B
31
D A TA
SH EE T
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2. Illustration shows device in word mode.
Figure 14.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43