データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DL800B データシート(PDF) 43 Page - Advanced Micro Devices

部品番号 AM29DL800B
部品情報  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800B データシート(HTML) 43 Page - Advanced Micro Devices

Back Button AM29DL800B Datasheet HTML 38Page - Advanced Micro Devices AM29DL800B Datasheet HTML 39Page - Advanced Micro Devices AM29DL800B Datasheet HTML 40Page - Advanced Micro Devices AM29DL800B Datasheet HTML 41Page - Advanced Micro Devices AM29DL800B Datasheet HTML 42Page - Advanced Micro Devices AM29DL800B Datasheet HTML 43Page - Advanced Micro Devices AM29DL800B Datasheet HTML 44Page - Advanced Micro Devices AM29DL800B Datasheet HTML 45Page - Advanced Micro Devices AM29DL800B Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
December 4, 2006 21519C4
Am29DL800B
41
D A TA
SH EE T
PHYSICAL DIMENSIONS (continued)
FBB048 —48-Ball Fine-Pitch Ball Grid Array (FBGA),
6 x 9 mm package
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46