データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV640D データシート(PDF) 29 Page - Advanced Micro Devices

部品番号 AM29LV640D
部品情報  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640D データシート(HTML) 29 Page - Advanced Micro Devices

Back Button AM29LV640D Datasheet HTML 25Page - Advanced Micro Devices AM29LV640D Datasheet HTML 26Page - Advanced Micro Devices AM29LV640D Datasheet HTML 27Page - Advanced Micro Devices AM29LV640D Datasheet HTML 28Page - Advanced Micro Devices AM29LV640D Datasheet HTML 29Page - Advanced Micro Devices AM29LV640D Datasheet HTML 30Page - Advanced Micro Devices AM29LV640D Datasheet HTML 31Page - Advanced Micro Devices AM29LV640D Datasheet HTML 32Page - Advanced Micro Devices AM29LV640D Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
January 22, 2007 22366C6
Am29LV640D/Am29LV641D
27
D A TA
SH EE T
as in the standard word program operation. Refer to
“Write Operation Status” on page 29 for more informa-
tion.
In the erase-suspend-read mode, the system can also
issue the autoselect command sequence. Refer to
“Autoselect Mode” on page 16 and “Autoselect Com-
mand Sequence” on page 24 for details.
To resume the sector erase operation, the system
must write the Erase Resume command. Fur ther
writes of the Resume command are ignored. Another
Erase Suspend command can be written after the chip
resumes erasing.
Figure 4.
Erase Operation
START
Write Erase
Command Sequence
(Notes 1, 2)
Data Poll to Erasing
Bank from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
Notes:
1. See Table 10 for erase command sequence.
2. See the section on DQ3 for information on the sector
erase timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57