データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BL802C データシート(PDF) 42 Page - Advanced Micro Devices

部品番号 AM29BL802C
部品情報  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802C データシート(HTML) 42 Page - Advanced Micro Devices

Back Button AM29BL802C Datasheet HTML 38Page - Advanced Micro Devices AM29BL802C Datasheet HTML 39Page - Advanced Micro Devices AM29BL802C Datasheet HTML 40Page - Advanced Micro Devices AM29BL802C Datasheet HTML 41Page - Advanced Micro Devices AM29BL802C Datasheet HTML 42Page - Advanced Micro Devices AM29BL802C Datasheet HTML 43Page - Advanced Micro Devices AM29BL802C Datasheet HTML 44Page - Advanced Micro Devices AM29BL802C Datasheet HTML 45Page - Advanced Micro Devices AM29BL802C Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
40
Am29BL802C
22371C7 November 3, 2006
D A TA
SH EET
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. PA = program address, PD = program data, DQ7# = complement of the data written to the device, DOUT = data written to the
device.
2. Figure indicates the last two bus cycles of the command sequence.
Figure 25.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46