| データシートサーチシステム |
|
AM29DL16XDB90WCF データシート(PDF) 34 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL16XDB90WCF データシート(HTML) 34 Page - Advanced Micro Devices |
|
34 / 57 page ![]() 36 Am29DL16xD 21533E5 December 1, 2006 D A TA SH EET ABSOLUTE MAXIMUM RATINGS Storage Temperature Plastic Packages . . . . . . . . . . . . . . . –65 °C to +150°C Ambient Temperature with Power Applied. . . . . . . . . . . . . . –65 °C to +125°C Voltage with Respect to Ground V CC (Note 1) . . . . . . . . . . . . . . . . . –0.5 V to +4.0 V A9, OE#, and RESET# (Note 2) . . . . . . . . . . . . . . . . . . . . –0.5 V to +12.5 V WP#/ACC . . . . . . . . . . . . . . . . . . –0.5 V to +10.5 V All other pins (Note 1) . . . . . . –0.5 V to V CC +0.5 V Output Short Circuit Current (Note 3) . . . . . . 200 mA Notes: 1. Minimum DC voltage on input or I/O pins is –0.5 V. Dur ing voltage transitions, input or I/O pins may overshoot V SS to –2.0 V for per iods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCC +0.5 V. See Figure 7. During voltage transitions, input or I/O pins may overshoot to V CC +2.0 V for periods up to 20 ns. See Figure 8. 2. Minimum DC input voltage on pins A9, OE#, RESET#, and WP#/ACC is –0.5 V. During voltage transitions, A9, OE#, WP#/ACC, and RESET# may overshoot V SS to –2.0 V for periods of up to 20 ns. See Figure 7. Maximum DC input voltage on pin A9 is +12.5 V which may overshoot to +14.0 V for periods up to 20 ns. Maximum DC input voltage on WP#/ACC is +9.5 V which may overshoot to +12.0 V for periods up to 20 ns. 3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability. OPERATING RANGES Industrial (I) Devices Ambient Temperature (T A) . . . . . . . . . –40°C to +85°C V CC Supply Voltages V CC for standard voltage range . . . . . . . 2.7 V to 3.6 V Operating ranges define those limits between which the func- tionality of the device is guaranteed. 20 ns 20 ns +0.8 V –0.5 V 20 ns –2.0 V Figure 7. Maximum Negative Overshoot Waveform 20 ns 20 ns VCC +2.0 V V CC +0.5 V 20 ns 2.0 V Figure 8. Maximum Positive Overshoot Waveform |