データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DL322DT90WDI データシート(PDF) 29 Page - Advanced Micro Devices

部品番号 AM29DL322DT90WDI
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL322DT90WDI データシート(HTML) 29 Page - Advanced Micro Devices

Back Button AM29DL322DT90WDI Datasheet HTML 25Page - Advanced Micro Devices AM29DL322DT90WDI Datasheet HTML 26Page - Advanced Micro Devices AM29DL322DT90WDI Datasheet HTML 27Page - Advanced Micro Devices AM29DL322DT90WDI Datasheet HTML 28Page - Advanced Micro Devices AM29DL322DT90WDI Datasheet HTML 29Page - Advanced Micro Devices AM29DL322DT90WDI Datasheet HTML 30Page - Advanced Micro Devices AM29DL322DT90WDI Datasheet HTML 31Page - Advanced Micro Devices AM29DL322DT90WDI Datasheet HTML 32Page - Advanced Micro Devices AM29DL322DT90WDI Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
28
Am29DL322D/323D/324D
December 13, 2005
can use DQ7, or DQ6 and DQ2 together, to determine
if a sector is actively erasing or is erase-suspended.
Refer to the Write Operation Status section for infor-
mation on these status bits.
After an erase-suspended program operation is com-
plete, the bank returns to the erase-suspend-read
mode. The system can determine the status of the
program operation using the DQ7 or DQ6 status bits,
just as in the standard Byte Program operation.
Refer to the Write Operation Status section for more
information.
In the erase-suspend-read mode, the system can also
issue the autoselect command sequence. Refer to the
Autoselect Mode and Autoselect Command Sequence
sections for details.
To resume the sector erase operation, the system
must write the Erase Resume command. The bank
address of the erase-suspended bank is required
when writing this command. Further writes of the Re-
sume command are ignored. Another Erase Suspend
command can be written after the chip has resumed
erasing.
Figure 4.
Erase Operation
START
Write Erase
Command Sequence
(Notes 1, 2)
Data Poll to Erasing
Bank from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
Notes:
1. See Table 14 for erase command sequence.
2. See the section on DQ3 for information on the sector
erase timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56