データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DL322DB90WDI データシート(PDF) 37 Page - Advanced Micro Devices

部品番号 AM29DL322DB90WDI
部品情報  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL322DB90WDI データシート(HTML) 37 Page - Advanced Micro Devices

Back Button AM29DL322DB90WDI Datasheet HTML 33Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 34Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 35Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 36Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 37Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 38Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 39Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 40Page - Advanced Micro Devices AM29DL322DB90WDI Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
36
Am29DL322D/323D/324D
December 13, 2005
DC CHARACTERISTICS
Zero-Power Flash
Note: Addresses are switching at 1 MHz
Figure 9.
I
CC1 Current vs. Time (Showing Active and Automatic Sleep Currents)
25
20
15
10
5
0
0
500
1000
1500
2000
2500
3000
3500
4000
Time in ns
10
8
2
0
1
234
5
Frequency in MHz
Note: T = 25
°C
Figure 10.
Typical I
CC1 vs. Frequency
2.7 V
3.6 V
4
6
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56