データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F080B-120EE データシート(PDF) 30 Page - Advanced Micro Devices

部品番号 AM29F080B-120EE
部品情報  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-120EE データシート(HTML) 30 Page - Advanced Micro Devices

Back Button AM29F080B-120EE Datasheet HTML 26Page - Advanced Micro Devices AM29F080B-120EE Datasheet HTML 27Page - Advanced Micro Devices AM29F080B-120EE Datasheet HTML 28Page - Advanced Micro Devices AM29F080B-120EE Datasheet HTML 29Page - Advanced Micro Devices AM29F080B-120EE Datasheet HTML 30Page - Advanced Micro Devices AM29F080B-120EE Datasheet HTML 31Page - Advanced Micro Devices AM29F080B-120EE Datasheet HTML 32Page - Advanced Micro Devices AM29F080B-120EE Datasheet HTML 33Page - Advanced Micro Devices AM29F080B-120EE Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
28
Am29F080B
21503G5 November 1, 2006
D A TA SH EE T
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Note:
SA = Sector Address. VA = Valid Address for reading status data.
Figure 12.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39