| データシートサーチシステム |
|
AM29LV641DL121REF データシート(PDF) 11 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV641DL121REF データシート(HTML) 11 Page - Advanced Micro Devices |
|
11 / 57 page ![]() January 22, 2007 22366C6 Am29LV640D/Am29LV641D 9 D A TA SH EE T ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly re- leased combinations. Note: Reverse pinout TSOP (TSR048) packages are not Note: offered for new designs. For 128 Mb requirements, the S29GL128N product is recommended as a single-device substitute for the 64 Mb + 64 Mb clamshell design; please refer to the S29GL128N data sheet for specifications and ordering information. Am29LV640D Am29LV641D H 90R E I N OPTIONAL PROCESSING Blank = Standard Processing N = 32-byte ESN devices (Contact an AMD representative for more information) TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) F = Industrial (–40 °C to +85°C) with Pb-Free Package PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) Z = 56-Pin Shrink Small Outline Package (SSO056) PC = 64-Ball Fortified Ball Grid Array 1.0 mm pitch, 13 x 11 mm package (LAA064) WH = 63-Ball Fine-Pitch Ball Grid Array 0.80 mm pitch, 11 x 12 mm package (FBE063) SPEED OPTION See Product Selector Guide and Valid Combinations SECTOR ARCHITECTURE AND SECTOR WRITE PROTECTION (WP# = 0) H = Uniform sector device, highest address sector protected L = Uniform sector device, lowest address sector protected U = Uniform sector device (WP# not available) DEVICE NUMBER/DESCRIPTION Am29LV640DU/DH/DL, Am29LV641DH/DL 64 Megabit (4 M x 16-Bit) CMOS Uniform Sector Flash Memory with VersatileIO ™ Control 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP and SSOP Packages Speed/V IO Range AM29LV640DH90R, AM29LV640DL90R ZI, ZF 90 ns, V IO = 3.0 V – 5.0 V AM29LV641DH90R, AM29LV641DL90R EI, FI, EF AM29LV640DH120R, AM29LV640DL120R ZI, ZF 120 ns, V IO = 3.0 V – 5.0 V AM29LV641DH120R, AM29LV641DL120R EI, FI, EF AM29LV640DH121R, AM29LV640DL121R ZI, ZF 120 ns, V IO = 1.8 V – 2.9 V AM29LV641DH121R, AM29LV641DL121R EI, FI, EF Note: LV640/641DH & DL have WP#, but no RY/BY#. U designator in base part number replaced by H or L. Valid Combinations for BGA Packages Speed/ V IO Range Order Number Package Marking AM29LV640DU90R PCI, PCF L640DU90N I, F 90 ns, V IO = 3.0 V – 5.0 V WHI, WHF L640DU90R AM29LV640DU120R PCI, PCF L640DU12N I, F 120 ns, V IO = 3.0 V – 5.0 V WHI, WHF L640DU12R AM29LV640DU121R PCI, PCF L640DU21N 120 ns, V IO = 1.8 V – 2.9 V WHI, WHF L640DU21R Note: LV640DU has RY/BY#, but no WP#. |