データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L033C90VE データシート(PDF) 8 Page - Advanced Micro Devices

部品番号 L033C90VE
部品情報  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

L033C90VE データシート(HTML) 8 Page - Advanced Micro Devices

Back Button L033C90VE Datasheet HTML 4Page - Advanced Micro Devices L033C90VE Datasheet HTML 5Page - Advanced Micro Devices L033C90VE Datasheet HTML 6Page - Advanced Micro Devices L033C90VE Datasheet HTML 7Page - Advanced Micro Devices L033C90VE Datasheet HTML 8Page - Advanced Micro Devices L033C90VE Datasheet HTML 9Page - Advanced Micro Devices L033C90VE Datasheet HTML 10Page - Advanced Micro Devices L033C90VE Datasheet HTML 11Page - Advanced Micro Devices L033C90VE Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
6
Am29LV033C
22268B5 September 12, 2006
DA TA
SH EET
CONNECTION DIAGRAMS
Special Handling Instructions for FBGA
Packages
Special handling is required for Flash Memor y
products in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compromised
if the package body is exposed to temperatures above
150
°C for prolonged periods of time.
C2
D2
C3
D3
E2
E3
F2
F3
G2
G3
H2
H3
J2
J3
K2
A3
A4
A2
A1
A0
CE#
OE#
VSS
A7
A18
A6
A5
DQ0
NC
NC
DQ1
RY/BY#
ACC
NC
NC
DQ2
DQ3
VCC
A21
WE#
RESET#
NC
NC
DQ5
NC
VCC
DQ4
A9
A8
A11
A12
A19
A10
DQ6
DQ7
A14
A13
A15
A16
A17
NC
A20
VSS
C4
D4
E4
A1
B1
A2
NC*
NC*
NC*
F4
G4
H4
J4
K4
C5
D5
E5
F5
G5
H5
J5
K5
C6
D6
E6
F6
G6
H6
J6
K6
C7
D7
E7
NC*
NC*
NC*
NC*
A7
B7
A8
B8
F7
G7
H7
J7
K7
NC*
NC*
NC*
NC*
L7
M7
L8
M8
K3
L1
L2
M1
NC*
NC*
NC*
NC*
M2
* Balls are shorted together via the substrate but not connected to the die.
63-Ball FBGA (Top View, Balls Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49