データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV065DU121REF データシート(PDF) 53 Page - Advanced Micro Devices

部品番号 AM29LV065DU121REF
部品情報  64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065DU121REF データシート(HTML) 53 Page - Advanced Micro Devices

Back Button AM29LV065DU121REF Datasheet HTML 46Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 47Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 48Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 49Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 50Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 51Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 52Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 53Page - Advanced Micro Devices AM29LV065DU121REF Datasheet HTML 54Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
February 16, 2006
Am29LV065D
53
Byte Program Command Sequence, Chip Erase
Command Sequence, Erase Suspend/Erase
Resume Commands
Added - The Secsi Sector, autoselect, and CFI func-
tions are not available when a program function is in
progress.
DC Characteristics - CMOS Compatible
Removed IACC . Added Note.
Trademarks
Updated.
Command Definitions
Modified Erase Suspend & Erase Resume to XXX.
See Table 10.
Revision C+1 (June 10, 2004)
Ordering Information
Added Pb-free package OPNs.
Revision C2 (February 16, 2006)
Global
Removed Reverse TSOP.
Trademarks
Copyright © 2004-2006 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54