データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DL640D90EF データシート(PDF) 46 Page - Advanced Micro Devices

部品番号 AM29DL640D90EF
部品情報  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640D90EF データシート(HTML) 46 Page - Advanced Micro Devices

Back Button AM29DL640D90EF Datasheet HTML 42Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 43Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 44Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 45Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 46Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 47Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 48Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 49Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
44
Am29DL640D
December 13, 2005
AC CHARACTERISTICS
Temporary Sector Unprotect
Note: Not 100% tested.
Parameter
All Speed Options
JEDEC
Std
Description
Unit
t
VIDR
V
ID Rise and Fall Time (See Note)
Min
500
ns
t
VHH
V
HH Rise and Fall Time (See Note)
Min
250
ns
t
RSP
RESET# Setup Time for Temporary Sector
Unprotect
Min
4
µs
t
RRB
RESET# Hold Time from RY/BY# High for
Temporary Sector Unprotect
Min
4
µs
RESET#
tVIDR
VID
VSS, VIL,
or VIH
VID
VSS, VIL,
or VIH
CE#
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB
Figure 25.
Temporary Sector Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54