データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A160CB10VC データシート(PDF) 8 Page - Advanced Micro Devices

部品番号 A160CB10VC
部品情報  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

A160CB10VC データシート(HTML) 8 Page - Advanced Micro Devices

Back Button A160CB10VC Datasheet HTML 4Page - Advanced Micro Devices A160CB10VC Datasheet HTML 5Page - Advanced Micro Devices A160CB10VC Datasheet HTML 6Page - Advanced Micro Devices A160CB10VC Datasheet HTML 7Page - Advanced Micro Devices A160CB10VC Datasheet HTML 8Page - Advanced Micro Devices A160CB10VC Datasheet HTML 9Page - Advanced Micro Devices A160CB10VC Datasheet HTML 10Page - Advanced Micro Devices A160CB10VC Datasheet HTML 11Page - Advanced Micro Devices A160CB10VC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
6
Am29SL160C
21635C5 January 23, 2007
D A TA
SH EE T
CONNECTION DIAGRAMS (Continued)
Special Handling Instructions for FBGA
Packages
Special handling is required for Flash Memory products
in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compro-
mised if the package body is exposed to temperatures
above 150
°C for prolonged periods of time.
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
NC
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball FBGA
(Top View, Balls Facing Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52