データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BL162C データシート(PDF) 2 Page - SPANSION

部品番号 AM29BL162C
部品情報  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory-Die Revision 1
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL162C データシート(HTML) 2 Page - SPANSION

  AM29BL162C Datasheet HTML 1Page - SPANSION AM29BL162C Datasheet HTML 2Page - SPANSION AM29BL162C Datasheet HTML 3Page - SPANSION AM29BL162C Datasheet HTML 4Page - SPANSION AM29BL162C Datasheet HTML 5Page - SPANSION AM29BL162C Datasheet HTML 6Page - SPANSION AM29BL162C Datasheet HTML 7Page - SPANSION AM29BL162C Datasheet HTML 8Page - SPANSION AM29BL162C Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SUPPLEMENT
Publication# 23783
Rev: A Amendment/+4
Issue Date: April 29, 2003
Am29BL162C Known Good Die
16 Megabit (1 M x 16-Bit)
CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory—Die
Revision 1
DISTINCTIVE CHARACTERISTICS
■ 32 words sequential with wrap around (linear
32), bottom boot
■ One 8 Kword, two 4 Kword, one 112 Kword, and
seven 128 Kword sectors
■ Single power supply operation
— Regulated voltage range: 3.0 to 3.6 volt read and
write operations and for compatibility with high
performance 3.3 volt microprocessors
■ Read access times
22 ns burst access
(at extended temperature range)
80 ns initial/random access
■ Alterable burst length via BAA# pin
■ Power dissipation (typical)
— Burst Mode Read: 15 mA @ 25 MHz,
20 mA @ 33 MHz
— Program/Erase: 20 mA
— Standby mode, CMOS: 22 µA
■ 5 V-tolerant data, address, and control signals
■ Sector Protection
— Implemented using in-system or via
programming equipment
— Temporary Sector Unprotect feature allows code
changes in previously locked sectors
■ Unlock Bypass Program Command
— Reduces overall programming time when issuing
multiple program command sequences
■ Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
■ Minimum 100,000 erase cycle guarantee
per sector
■ 20-year data retention at 125
°C
■ Compatibility with JEDEC standards
— Pinout and software compatible with single-
power supply Flash
— Superior inadvertent write protection
— Backward-compatible with AMD Am29LV and
Am29F flash memories: powers up in
asynchronous mode for system boot, but can
immediately be placed into burst mode
■ Data# Polling and toggle bits
— Provides a software method of detecting program
or erase operation completion
■ Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting
program or erase cycle completion
■ Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
■ Hardware reset pin (RESET#)
— Hardware method to reset the device for reading
array data
■ Tested to datasheet specifications at
temperature
■ Quality and reliability levels equivalent to
standard packaged components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19