| データシートサーチシステム |
|
AM29PL320DT60RWPI データシート(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PL320DT60RWPI データシート(HTML) 12 Page - Advanced Micro Devices |
|
12 / 49 page ![]() 10 Am29PL320D June 13, 2005 Page Mode Read The Am29PL320D is capable of fast page mode read and is compatible with the page mode Mask ROM read operation. This mode provides faster read access speed for random locations within a page. The page size of the Am29PL320D device is 8 words, or 4 dou- ble words, with the appropriate page being selected by the higher address bits A19–A2 and the LSB bits A1– A0 (in the double word mode) and A1 to A-1 (in the word mode) determining the specific word/double word within that page. This is an asynchronous operation with the microprocessor supplying the specific word or double word location. The random or initial page access is equal to tACC or tCE and subsequent page read accesses (as long as the locations specified by the microprocessor falls within that page) is equivalent to tPACC. When CE# is deasserted and reasserted for a subsequent access, the access time is tACC or tCE. Here again, CE# selects the device and OE# is the output control and should be used to gate data to the output inputs if the device is selected. Fast page mode accesses are obtained by keeping A19–A2 constant and changing A1 to A0 to select the specific double word, or changing A1 to A-1 to select the specific word, within that page. The following tables determine the specific word and double word within the selected page: Table 2. Double Word Mode Table 3. Word Mode Word A1 A0 Double Word 0 0 0 Double Word 1 0 1 Double Word 2 1 0 Double Word 3 1 1 Word A1 A0 A-1 Word 0 0 0 0 Word 1 0 0 1 Word 2 0 1 0 Word 3 0 1 1 Word 4 1 0 0 Word 5 1 0 1 Word 6 1 1 0 Word 7 1 1 1 |