データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29PL320DB90WPI データシート(PDF) 44 Page - Advanced Micro Devices

部品番号 AM29PL320DB90WPI
部品情報  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL320DB90WPI データシート(HTML) 44 Page - Advanced Micro Devices

Back Button AM29PL320DB90WPI Datasheet HTML 40Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 41Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 42Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 43Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 44Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 45Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 46Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 47Page - Advanced Micro Devices AM29PL320DB90WPI Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
42
Am29PL320D
June 13, 2005
AC CHARACTERISTICS
Alternate CE# Controlled
Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
Parameter
Description
Speed Options
Unit
JEDEC
Std
60R
70R, 70
90
tAVAV
tWC
Write Cycle Time (Note 1)
Min
60
70
90
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
35
45
45
ns
tDVEH
tDS
Data Setup Time
Min
30
35
45
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
25
30
35
ns
tEHEL
tCPH
CE# Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Programming Operation
(Note 2)
Word
Typ
14.3
µs
Double
Word
Typ
18.3
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
5
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49