| データシートサーチシステム |
|
AM29PL320DB60WPI データシート(PDF) 44 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PL320DB60WPI データシート(HTML) 44 Page - Advanced Micro Devices |
|
44 / 49 page ![]() 42 Am29PL320D June 13, 2005 AC CHARACTERISTICS Alternate CE# Controlled Erase/Program Operations Notes: 1. Not 100% tested. 2. See the “Erase and Programming Performance” section for more information. Parameter Description Speed Options Unit JEDEC Std 60R 70R, 70 90 tAVAV tWC Write Cycle Time (Note 1) Min 60 70 90 ns tAVEL tAS Address Setup Time Min 0 ns tELAX tAH Address Hold Time Min 35 45 45 ns tDVEH tDS Data Setup Time Min 30 35 45 ns tEHDX tDH Data Hold Time Min 0 ns tOES Output Enable Setup Time Min 0 ns tGHEL tGHEL Read Recovery Time Before Write (OE# High to WE# Low) Min 0 ns tWLEL tWS WE# Setup Time Min 0 ns tEHWH tWH WE# Hold Time Min 0 ns tELEH tCP CE# Pulse Width Min 25 30 35 ns tEHEL tCPH CE# Pulse Width High Min 30 ns tWHWH1 tWHWH1 Programming Operation (Note 2) Word Typ 14.3 µs Double Word Typ 18.3 tWHWH2 tWHWH2 Sector Erase Operation (Note 2) Typ 5 sec |