データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29PL320DT30WPI データシート(PDF) 9 Page - Advanced Micro Devices

部品番号 AM29PL320DT30WPI
部品情報  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL320DT30WPI データシート(HTML) 9 Page - Advanced Micro Devices

Back Button AM29PL320DT30WPI Datasheet HTML 5Page - Advanced Micro Devices AM29PL320DT30WPI Datasheet HTML 6Page - Advanced Micro Devices AM29PL320DT30WPI Datasheet HTML 7Page - Advanced Micro Devices AM29PL320DT30WPI Datasheet HTML 8Page - Advanced Micro Devices AM29PL320DT30WPI Datasheet HTML 9Page - Advanced Micro Devices AM29PL320DT30WPI Datasheet HTML 10Page - Advanced Micro Devices AM29PL320DT30WPI Datasheet HTML 11Page - Advanced Micro Devices AM29PL320DT30WPI Datasheet HTML 12Page - Advanced Micro Devices AM29PL320DT30WPI Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
June 13, 2005
Am29PL320D
7
INPUT CONFIGURATION
A19–A0
=
20 address inputs
DQ30–DQ0 =
31 data inputs/outputs
DQ31/A-1
=
In double word mode, functions as
DQ31. In word mode, functions
as A-1 (LSB address input)
WORD#
=
Word enable input
When low, enables word mode
When high, enables double word mode
WP#
= Hardware Write Protect input
ACC
= Acceleration input
CE#
=
Chip Enable input
OE#
=
Output Enable input
WE#
=
Write Enable input
VCC
=
3.0 volt-only single power supply
(see Product Selector Guide for speed
options and voltage supply tolerances)
VSS
=
Device ground
NC
=
input not connected internally
LOGIC SYMBOL
20
16 or 32
DQ31–DQ0
(A-1)
A19–A0
CE#
OE#
WE#
WORD#
WP#
ACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49