| データシートサーチシステム |
|
AM29LV128MH93REF データシート(PDF) 65 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV128MH93REF データシート(HTML) 65 Page - Advanced Micro Devices |
|
65 / 66 page ![]() January 31, 2007 25270C7 Am29LV128MH/L 65 D A TA SH EET Common Flash Memory Interface (CFI) Changed wording in last sentence of third paragraph from, “...the autoselect mode.” to “...reading array data.” Changed CFI website address Revision B+3 (December 2, 2002) Global Added sector group protection throughout datasheet and added Table 4. Product Selector Guide Added V IOs to table and removed Note #2 Ordering Information Corrected typos in V IO ranges. Removed Notes #1 and 2. Figure 6. Program Suspend/Program Resume Change wait time to 15 μs. Operating Ranges Corrected typos in V IO ranges. Removed full voltage range. DC Characteristics Changed V IH1 and VIH2 minimum to 1.9. Removed typos in notes. Read-Only Characteristics Added a 30 ns option to t PACC and tOE standard in ta- ble. Added note #3. Hardware Reset, Erase and Program Operations, Temporary Sector Unprotect, and Alternate CE# Controlled Erase and Program Operations Added Note. Revision B+4 (February 14, 2003) Distinctive Characteristics Corrected performance characteristics. Product Selector Guide Removed 93R speed option. Added Note 2. Ordering Information Corrected Valid Combination to reflect speed option changes. Added Note. AC Characteristics Removed 93, 93R speed option. Added Note. Input values in the t WHWH1 and tWHWH2 parameters in the Erase and Program Options table that were previ- ously TBD. Also added notes 5 and 6. Input values in the t WHWH1 and tWHWH2 parameters in the Alternate CE# Controlled Erase and Program Op- tions table that were previously TBD. Also added Note 5. Erase and Programming Performance Input values into table that were previously TBD. Added note 4. Revision C (May 16, 2003) Global Converted to full data sheet version. Modified Secured Silicon Sector Flash Memory Region section to in- clude ESN references. Changed data sheet title to Am29LV128MH/L. Erase and Programming Performance Input values into table that were previously TBD. Modi- fied notes. Revision C+1 (June 11, 2003) Product Selector Guide Added Note 2 to 113 and 123 speed grades Ordering Information Modified speed grade options available, changed speed grades mentioned in Note. AC Characteristics, Erase and Program Operations and Alternate CE# Controlled Erase and Program Operations Changed t WHWH1 Accelerated Effective Write Buffer Program Operations value Revision C+2 (September 9, 2003) Global Added 90 ns speed options and Ordering Part Num- bers Ordering Information Added Note regarding Ordering Part Numbers. Program Suspend/Program Resume Command Sequence Modified last paragraph. Command Definitions, Table 10 Modified First Addr for Program/Erase Suspend and Resume. AC Characteristics Added T RB, TBUSY specs. |