| データシートサーチシステム |
|
AM29LV128MH103REF データシート(PDF) 47 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV128MH103REF データシート(HTML) 47 Page - Advanced Micro Devices |
|
47 / 66 page ![]() January 31, 2007 25270C7 Am29LV128MH/L 47 D A TA SH EET AC CHARACTERISTICS Read-Only Operations Notes: 1. Not 100% tested. 2. See Figure 12 and Table 13 for test specifications. 3. AC Specifications listed are tested with VIO = VCC. Contact AMD for information on AC operation with VIO ≠ VCC. Figure 14. Read Operation Timings Parameter Description Test Setup Speed Options JEDEC Std. 93R 103, 103R 113 113R 123 123R Unit t AVAV t RC Read Cycle Time (Note 1) Min 90 100 110 120 ns t AVQV t ACC Address to Output Delay CE#, OE# = V IL Max 90 100 110 120 ns t ELQV t CE Chip Enable to Output Delay OE# = V IL Max 90 100 110 120 ns t PACC Page Access Time Max 25 30 30 40 30 40 ns t GLQV t OE Output Enable to Output Delay Max 25 30 30 40 30 40 ns t EHQZ t DF Chip Enable to Output High Z (Note 1) Max 16 ns t GHQZ t DF Output Enable to Output High Z (Note 1) Max 16 ns t AXQX t OH Output Hold Time From Addresses, CE# or OE#, Whichever Occurs First Min 0 ns t OEH Output Enable Hold Time (Note 1) Read Min 0 ns Toggle and Data# Polling Min 10 ns tOH tCE Outputs WE# Addresses CE# OE# HIGH Z Output Valid HIGH Z Addresses Stable tRC tACC tOEH tRH tOE tRH 0 V RY/BY# RESET# tDF |